Part Number Hot Search : 
SMF190A RP024 LT5503 TM3079 2KBP10 2KBP10 SQD50 SMAJ30C
Product Description
Full Text Search
 

To Download 225BPS100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BPS
FEATURES
+85C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
For all applications with unknown/reversed polarity
I Audio Coupling I Crossover Networks I Capacitance Range: .47 F to 4,700 F
I Voltage Range: 10 WVDC to 100 WVDC I Solvent Tolerant End Seals Standard
SPECIFICATIONS
Capacitance Tolerance 20% at 120Hz, 25C
Operating Temperature Range Dissipation Factor 120Hz, 25C WVDC tan WVDC Impedance Ratio (Max.) @120Hz -25C/25C -40C/25C WVDC Leakage Current Time 10
.24
-40C to + 85C
16
.22
25
.20
35
.16
50
.14
63
.12
100
.10
10
3 8
16
2 6
25
2 5
35
2 4
50
2 4
63
2 3
100
2 3
100 WVDC 5 minutes
.03 CV or 3A whichever is greater
2,000 hours at +85C, with rated WVDC reversing polarity every 250 hours Load Life
Capacitance change Dissipation factor Leakage current 20% of initial measured value 200% of initial specified value initial specified value 1,000 hours at +85C with no voltage applied. Units will meet load life specifications Frequency (Hz)
Capacitance (F)
Shelf Life
Temperature (C)
10K 1.65 1.53 1.45 100K 1.7 1.57 1.49 +85 1.0 1.0 1.0 +70 1.3 1.3 1.3 +60 1.5 1.5 1.5 +45 1.8 1.8 1.8
Ripple Current Multipliers
C10 101000
50 .72 .75 .79
120 1.0 1.0 1.0
400 1.25 1.19 1.15
1K 1.45 1.36 1.30
SPECIAL ORDER OPTIONS
* *
Special tolerances: 10% (K), -10% + 30% (Q) Epoxy end seal * Polyester sleeve
(See pages 33 thru 37)
*
Tape and Reel/Ammo-Pack
*
Cut, Formed, Cut and Formed, and Snap In Leads
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
92
BPS
+ 85C Non Polar Radial Lead Aluminum Electrolytic Capacitors
PHYSICAL DIMENSIONS
WVDC (SV) (F) 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700
10 (13)
16 (20)
25 (32)
35 (44)
50 (63) 5x11 5x11 5x11 5x11 5x11
63 (79)
100 (125) 5x11 5x11 6.3x11 6.3x11
5x11 6.3x11 8x11.5 10x12.5 10x16 12.5x20 16x25 16x31.5 18x35.5
6.3x11 8x11.5 10x16 12.5x20 12.5x20 16x25 18x35.5 18x35.5 18x42
5x11 5x11 5x11 5x11 6.3x11 8x11.5 10x12.5 10x16 10x16 12.5x20 16x25 16x31.5 18x35.5 10x20 12.5x25 16x31.5 18x35.5 12.5x20 16x25 18x35.5 6.3x11 6.3x11 8x11.5 10x16 8x11.5 10x16 12.5x20 12.5x20 12.5x25 16x31.5 6.3x11
6.3x11 8x11.5 8x11.5 10x12.5 10x20 12.5x25 16x25 16x31.5
Aluminum Electrolytic
Convert to inches, divide by 25.4
DxL(mm)
L
PVC SLEEVE
L
15.0 MIN
L
d
L L
+
L
L
LEAD INFORMATION VS. CASE DIAMETER
S1
D S d B
5.0 2.0 0.5 0.5
6.3 2.5 0.5 0.5
8.0 3.5 0.6 0.5
10.0 5.0 0.6 0.5
12.5 5.0 0.6 0.8
16.0 7.5 0.8 0.5
18.0 7.5 0.8 0.5
L1
19.0 MIN
D1
NOTE: Case Vent is standard on all diameter 8.0mm
L1=L+2.0 mm Max. D1=D+B Max. S1=S0.5 mm Max.
L
L
L
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
L
L
L
93
BPS
+ 85C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
STANDARD PART LISTING
Maximum ESR 120Hz,+25C 564.379 352.737 265.258 165.786 120.572 75.357 80.381 50.238 56.438 42.328 35.274 23.210 26.526 19.894 16.579 16.579 10.550 12.057 9.043 7.536 11.052 10.048 8.038 6.029 5.024 8.466 7.055 4.938 5.644 4.233 3.527 3.979 3.316 Maximum RMS Ripple Current (mA) 120Hz,+85C 5 10 10 18 23 30 28 35 35 37 44 46 54 58 72 60 75 90 96 138 72 82 108 135 200 82 95 120 155 185 245 125 160 Maximum ESR 120Hz,+25C 2.321 2.653 1.989 1.658 1.809 1.658 1.507 1.055 1.206 0.904 0.754 1.105 0.703 0.804 0.603 0.502 0.847 0.776 0.705 0.494 0.564 0.423 0.353 0.398 0.365 0.332 0.232 0.211 0.196 0.181 0.151 0.141 0.113 Maximum RMS Ripple Current (mA) 120Hz,+85C 230 270 325 430 215 263 305 418 490 575 650 358 520 660 655 790 410 465 550 665 850 965 1030 725 825 965 1160 1280 1460 1620 1590 1890 1990
Capacitance (F)
WVDC
PART NUMBER
Dimensions DxL (mm) 5x11 5x11 5x11 5x11 5x11 6.3x11 5x11 6.3x11 5x11 5x11 6.3x11 5x11 6.3x11 6.3x11 8x11.5 5x11 6.3x11 8x11.5 8x11.5 10x16 5x11 6.3x11 8x11.5 10x12.5 12.5x20 5x11 6.3x11 8x11.5 10x12.5 10x16 12.5x20 6.3x11 8x11.5
Capacitance (F)
WVDC
PART NUMBER
Dimensions DxL (mm) 10x16 10x20 12.5x20 16x25 8x11.5 10x12.5 10x16 12.5x20 12.5x25 16x25 18x35.5 10x16 12.5x20 16x25 16x31.5 18x35.5 10x16 10x20 12.5x20 12.5x25 16x31.5 18x35.5 18x42 12.5x20 12.5x25 16x25 16x31.5 16x25 16x31.5 18x35.5 16x31.5 18x35.5 18x35.5
0.47 0.47 1.0 1.0 2.2 2.2 3.3 3.3 4.7 4.7 4.7 10 10 10 10 22 22 22 22 22 33 33 33 33 33 47 47 47 47 47 47 100 100
50 100 50 100 50 100 50 100 50 63 100 35 50 63 100 16 35 50 63 100 16 25 50 63 100 10 25 35 50 63 100 10 25
474BPS050M 474BPS100M 105BPS050M 105BPS100M 225BPS050M 225BPS100M 335BPS050M 335BPS100M 475BPS050M 475BPS063M 475BPS100M 106BPS035M 106BPS050M 106BPS063M 106BPS100M 226BPS016M 226BPS035M 226BPS050M 226BPS063M 226BPS100M 336BPS016M 336BPS025M 336BPS050M 336BPS063M 336BPS100M 476BPS010M 476BPS025M 476BPS035M 476BPS050M 476BPS063M 476BPS100M 107BPS010M 107BPS025M
100 100 100 100 220 220 220 220 220 220 220 330 330 330 330 330 470 470 470 470 470 470 470 1,000 1,000 1,000 1,000 2200 2200 2200 3300 3300 4700
35 50 63 100 10 16 25 35 50 63 100 16 35 50 63 100 10 16 25 35 50 63 100 10 16 25 35 10 16 25 10 16 10
107BPS035M 107BPS050M 107BPS063M 107BPS100M 227BPS010M 227BPS016M 227BPS025M 227BPS035M 227BPS050M 227BPS063M 227BPS100M 337BPS016M 337BPS035M 337BPS050M 337BPS063M 337BPS100M 477BPS010M 477BPS016M 477BPS025M 477BPS035M 477BPS050M 477BPS063M 477BPS100M 108BPS010M 108BPS016M 108BPS025M 108BPS035M 228BPS010M 228BPS016M 228BPS025M 338BPS010M 338BPS016M 478BPS010M
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
94


▲Up To Search▲   

 
Price & Availability of 225BPS100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X